features mechanical data l . l maximum ratings l operating temperature: - 50 o c to + 1 50 o c l storage temperature: - 50 o c to + 1 50 o c l 3000 watts of peak power dissipation ( 10x1000 u s ) l forward surge curren t : 200 a mp s , 1/120 sec @ 25 o c l t clamping (0 vol t s to v (br) min) : less than 1 10 - 12 seconds 3 k p 5.0(c)(a) thru 3 k p 170(c)(a) 30 00watts transient voltage suppressor 5.0 to 170 volts figure 1 - pulse waveform peak pulse current (% i pp ) - versus - time (t) msec 0 1 2 3 % i pp 50 100 peak value i pp half wave i pp /2 10 x 1000 wave as defined by r.e.a. test wave form parameters: t r = 10 m sec t r omp onents 20736 marilla street chatsworth ! " # $ % ! " # mcc revision: 6 2006/05 /17 r-6 dimensions inches mm dim min max min max note a .340 .360 8.60 9.10 b .340 .360 8.60 9.10 c .048 .052 1.20 1.30 d 1.000 --- 25.40 --- a b d d c cathode mark l 3000 watts peak power l low inductance l unidirectional and bidirectional unit l voltage range: 5.0 to 170 volts. tm micro commercial components case material: molded plastic. ul flammability classification rating 94v-0 marking : cathode band(for uni-directional ) and type number . l suffix "c" of part number denotes bi-directional unit. . l ul recognized file # e222849 www. mccsemi .com 1 of 5
mcc part number reverse stand-off voltage v wm breakdown voltage v (br) @ i t (volts) maximum clamping voltage @ i pp peak pulse current i pp maximum reverse leakage @v wm i d (volts) min max i t (ma) (volts) (amps) ( a) 3kp 5 . 0 5 . 0 6.40 7.30 10 9.6 312.5 1000 3kp 5 . 0a 5 . 0 6.40 7.00 10 9.2 326.0 1000 3kp 6 . 0 6 . 0 6.67 8.15 10 11.4 263.2 1000 3kp 6 . 0a 6 . 0 6.67 7.37 10 10.3 291.3 1000 3kp 6 . 5 6 . 5 7.22 8.82 10 12.3 243.9 500 3kp 6 . 5a 6 . 5 7.22 7.98 10 11.2 267.9 500 3kp 7 . 0 7 . 0 7.78 9.51 10 13.3 225.6 200 3kp 7 . 0a 7 . 0 7.78 8.60 10 12.0 250.0 200 3kp 7 . 5 7 . 5 8.33 10.2 1 14.3 209.8 100 3kp 7 . 5a 7 . 5 8.33 9.21 1 12.9 232.6 100 3kp 8 . 0 8 . 0 8.89 10.9 1 15.0 200.0 50 3kp 8 . 0a 8 . 0 8.89 9.83 1 13.6 220.6 50 3kp 8 . 5 8 . 5 9.44 11.5 1 15.9 188.6 25 3kp 8 . 5a 8 . 5 9.44 10.4 1 14.4 208.4 25 3kp 9 . 0 9 . 0 10.0 12.2 1 16.9 177.4 10 3kp 9 . 0a 9 . 0 10.0 11.1 1 15.4 194.8 10 3kp 10 10 11.1 13.6 1 18.8 159.6 5 3kp 10a 10 11.1 12.3 1 17.0 176.4 5 3kp 11 11 12.2 14.9 1 20.1 149.2 5 3kp 11a 11 12.2 13.5 1 18.2 164.8 5 3kp 12 12 13.3 16.3 1 22.0 136.4 5 3kp 12a 12 13.3 14.7 1 19.9 150.6 5 3kp 13 13 14.4 17.6 1 23.8 126.0 5 3kp 13a 13 14.4 15.9 1 21.5 139.4 5 3kp 14 14 15.6 19.1 1 25.8 116.2 5 3kp 14a 14 15.6 17.2 1 23.2 129.4 5 3kp 15 15 16.7 20.4 1 26.9 111.6 5 3kp 15a 15 16.7 18.5 1 24.4 123.0 5 3kp 16 16 17.8 21.8 1 28.8 104.2 5 3kp 16a 16 17.8 19.7 1 26.0 115.4 5 3kp 17 17 18.9 23.1 1 30.5 98.4 5 3kp 17a 17 18.9 20.9 1 27.6 106.6 5 3kp 18 18 20.0 24.4 1 32.2 93.2 5 3kp 18a 18 20.0 22.1 1 29.2 102.8 5 3kp 20 20 22.2 27.1 1 35.8 83.8 5 3kp 20a 20 22.2 24.5 1 32.4 92.6 5 3kp 22 22 24.4 29.8 1 39.4 76.2 5 3kp 22a 22 24.4 26.9 1 35.5 84.4 5 3kp 24 24 26.7 32.6 1 43.0 69.8 5 3kp 24a 24 26.7 29.5 1 38.9 77.2 5 3kp 26 26 28.9 35.3 1 46.6 64.4 5 3kp 26a 26 28.9 31.9 1 42.1 71.2 5 3kp 28 28 31.1 38.0 1 50.0 60.0 5 3kp 28a 28 31.1 34.4 1 45.4 66.0 5 3kp 30 30 33.3 40.7 1 53.5 56.0 5 3kp 30a 30 33.3 36.8 1 48.4 62.0 5 3kp 33 33 36.7 44.9 1 59.0 50.4 5 3kp 33a 33 36.7 40.6 1 53.3 56.2 5 3kp 36 36 40.0 48.9 1 64.3 46.6 5 3kp 36a 36 40.0 44.2 1 58.1 51.6 5 3kp 40 40 44.4 54.3 1 71.4 42.0 5 3kp 40a 40 44.4 49.1 1 64.5 46.4 5 3kp 43 43 47.8 58.4 1 76.7 39.2 5 3kp 43a 43 47.8 52.8 1 69.4 43.2 5 3kp 45 45 50.0 61.1 1 80.3 37.4 5 3kp 45a 45 50.0 55.3 1 72.7 41.2 5 3kp 48 48 53.3 65.1 1 85.5 35.0 5 mcc 3kp series revision: 6 2006/05/17 tm micro commercial components www. mccsemi .com 2 of 5
mcc part number reverse stand-off voltage v wm breakdown voltage v (br) @ i t (volts) maximum clamping voltage @ i pp peak pulse current i pp maximum reverse leakage @v wm i d (volts) min max i t (ma) (volts) (amps) ( a) 3kp 48a 48 53.3 58.9 1 77.4 38.8 5 3kp 51 51 56.7 69.3 1 91.1 37.0 5 3kp 51a 51 56.7 62.7 1 82.4 36.4 5 3kp 54 54 60.0 73.3 1 96.3 31.2 5 3kp 54a 54 60.0 66.3 1 87.1 34.4 5 3kp 58 58 64.4 78.7 1 103 39.2 5 3kp 58a 58 64.4 71.2 1 93.6 32.0 5 3kp 60 60 66.7 81.5 1 107 28.0 5 3kp 60a 60 66.7 73.7 1 96.8 31.0 5 3kp 64 64 71.1 86.9 1 114 26.4 5 3kp 64a 64 71.1 78.6 1 103 29.2 5 3kp 70 70 77.8 95.1 1 125 24.0 5 3kp 70a 70 77.8 86.0 1 113 26.6 5 3kp 75 75 83.3 102 1 134 22.4 5 3kp 75a 75 83.3 92.1 1 121 24.8 5 3kp 78 78 86.7 106 1 139 21.6 5 3kp 78a 78 86.7 95.8 1 126 22.8 5 3kp 85 85 94.4 115 1 151 19.8 5 3kp 85a 85 94.4 104 1 137 20.8 5 3kp 90 90 100 122 1 160 18.8 5 3kp 90a 90 100 111 1 146 20.6 5 3kp 100 100 111 136 1 179 16.8 5 3kp 100a 100 111 123 1 162 18.6 5 3kp 110 110 122 149 1 196 15.4 5 3kp 110a 110 122 135 1 177 16.8 5 3kp 120 120 133 163 1 214 14.0 5 3kp 120a 120 133 147 1 193 15.6 5 3kp 130 130 144 176 1 231 13.0 5 3kp 130a 130 144 159 1 209 14.4 5 3kp 150 150 167 204 1 268 11.2 5 3kp 150a 150 167 185 1 243 12.4 5 3kp 160 160 178 218 1 287 10.4 5 3kp 160a 160 178 197 1 259 11.6 5 3kp 170 170 189 231 1 304 9.8 5 3kp 170a 170 189 209 1 275 11.0 5 mcc 3kp series figure 2 - derating curve peak pulse power (% p pp ) - versus - temperature c temperature c 25 100 150 200 % p pp 50 100 peak pulse power (p pp ) ? versus ? pulse time (t p ) figure 3 .1 m se c 1 m sec 10 m sec 100 m sec 0 10 100 1000 p pp - kw t p 1msec revision: 6 2006/05/17 tm micro commercial components www. mccsemi .com 3 of 5
order information : p/n: 3kpxxx-* * -------------- b (bulk packaging) * -------------- t (tape and reel packaging) for example: 3kp28a-t means mcc p/n is 3kp28a, tape and reel package. revision: 6 2006/05/17 mcc 3kp series 10 100 1000 10000 1 10 100 1000 5 10 100 1000 10000 c j - ca p acitanc e fig. 4 - typical junction capacitance vwm - reverse stand-off voltage (v) unidirectional bidirectional f = 1mhz vsig = 50mvp-p t j = 25c v r = 0 500 v r = rated stand-off voltage 10 10 tm micro commercial components www. mccsemi .com 4 of 5
mcc revision: 6 2006/05/17 tm micro commercial components www. mccsemi .com 5 of 5 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose
|